PART |
Description |
Maker |
ZR40401F50 ZR40401N850 ZR40401R50 ZR40402F50 ZR404 |
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO8 PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE 精密5.0伏微功耗电压参 PT 6C 6#20 SKT RECP PT 6C 6#20 PIN RECP
|
Zetex Semiconductor PLC Zetex Semiconductors
|
ZRA125 ZRA125F02TA ZRA125F03TA |
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
|
ZETEX[Zetex Semiconductors]
|
ZR404005F25 ZR404005N825 ZR404005R25 ZR40401F25 ZR |
PT 8C 8#20 PIN RECP PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
|
Diodes Incorporated ZETEX[Zetex Semiconductors] ZETEX PLC
|
ZR285-25 |
PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE 精密2.5伏微功耗电压参
|
Zetex Semiconductor PLC
|
NJU7051 NJU7051D NJU7051M NJU7051V NJU7052 NJU7052 |
10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 低输入失调电压的C - MOS运算放大 10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85 10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85 LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
ZREF12Z ZREF12D |
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
|
Diodes Incorporated
|
CDLL3030B CDLL3030BUR-1 CDLL3040B CDLL3040BUR-1 CD |
20 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85 1瓦稳压二极管 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85 1瓦稳压二极管 surface mount silicon Zener diodes 表面贴装硅稳压二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管W的齐纳二极管 8.192-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 1瓦稳压二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管1W的齐纳二极管 5-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 1瓦稳压二极管 Zener Voltage Regulator Diode 齐纳稳压二极 4.096-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 1瓦稳压二极管 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 125
|
Compensated Deuices Inc... Littelfuse, Inc. Analog Devices, Inc. Spansion, Inc. Kingbright, Corp. Microsemi, Corp. CDI-DIODE[Compensated Deuices Incorporated] Compensated Devices Incorporated
|
PIC16LFR711-20I/SS PIC16FR71-16I/SO PIC16LFR71-16I |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5-LED Main/Sub Display Driver with Dual LDO; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C Fast Settling, JFET Input Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 Microcontroller 微控制器 Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器 Quad Protected High-Side MOSFET Driver; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 微控制器 Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器
|
外设及接 TDK, Corp. NIC Components, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc.
|
ADR127BUJZ ADR121 ADR125 ADR127 |
Precision, Micropower LD0 1.25 V-OUT Voltage Reference in TSOT Precision, Micropower LD0 Voltage Reference in TSOT (5.0 V-OUT) Precision, Micropower LD0 Voltage Reference in TSOT (2.5 V-OUT) Precision, Micropower LDO Voltage References in TSOT
|
Analog Devices
|
LMP7300 LMP7300MA LMP7300MAX LMP7300MM |
Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
|
http://
|
NJM2188 NJM2188D NJM2188M NJM2188V |
Micropower Integrated Precision Voltage Reference 8-TSSOP -40 to 85 Micropower Integrated Precision Voltage Reference 8-TSSOP 0 to 70 Passive Matrix TruSurround 3D Audio Processor
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LT1101 LT1101AC LT1101ACH LT1101ACJ8 LT1101ACN8 LT |
From old datasheet system Precision Micropower Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100) Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100) JT 18C 18#20 PIN WALL RECP Precision/ Micropower/ Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
|
LINER[Linear Technology] Linear Technology Corporation
|